Part Number Hot Search : 
5101H1 SR180 HN2C10FT TPC6201 8M000 104KA SC198 2SD786
Product Description
Full Text Search
 

To Download FKC05-48D05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i s o l a t e d a n d r e g u l a t e d 5 wat t m o d u l a r d c / d c c o n v e r t e r s f k c 0 5 s e r i e s 300 myles standish blvd., taunton, ma 02780 ph: 1-800-823-8082 fax: 508-823-8181 www.astrodyne.com wide 2 : 1 input range high ef?ciency regulated outputs 500v isolation 5 sided emi shielding dip package model number output voltage output mamps input range single output fkc05-12s05 5 vdc 1 9-18 vdc fkc05-24s05 1 18-36 vdc fkc0-48s05 1 36-75 vdc fkc05-12s12 12 vdc 470 9-18 vdc fkc05-24s12 470 18-36 vdc fkc05-48s12 470 36-75 vdc fkc05-12s15 15 vdc 400 9-18 vdc fkc05-24s15 400 18-36 vdc fkc05-48s15 400 36-75 vdc dual output fkc05-12d05 +/-5 vdc +/-500 9-18 vdc fkc05-24d05 +/-500 18-36 vdc FKC05-48D05 +/-500 36-75 vdc fkc05-12d12 +/-12 vdc +/-230 9-18 vdc fkc05-24d12 +/-230 18-36 vdc fkc05-48d12 +/-230 36-75 vdc fkc05-12d15 +/-15 vdc +/-190 9-18 vdc fkc05-24d15 +/-190 18-36 vdc fkc05-48d15 +/-190 36-75 vdc unit measures 0.8w x 1.25l x 0.4h order on-line! astrodyne.com
i s o l a t e d a n d r e g u l a t e d 5 wat t m o d u l a r d c / d c c o n v e r t e r s f k c 0 5 s e r i e s 300 myles standish blvd., taunton, ma 02780 ph: 1-800-823-8082 fax: 508-823-8181 www.astrodyne.com input specifications input voltage ranges: 12 vdc nominal 9-18 vdc 24 vdc nominal 18-36 vdc 48 vdc nominal 36-75 vdc output specifications voltage and current see selection chart load regulation (singles/duals) +/- 0.2% / +/- 1% (25%-fl) line regulation +/- 0.2% (singles/duals) temperature coef?cient +/-0.02%/degc ripple/noise(single/dual) 50mv pk-pk, typ voltage accuracy +/- 2%, typ voltage balance, dual outputs +/- 2%, typ short circuit protection continuous general specifications input-out isolation 500vdc isolation resistance 10000 m ohms in/out capacitance 300 pf ef?ciency fkc05-xxs(d)05 78%, typ fkc05-xxs15,d12,d15 81%, typ fkc05-xxs12 82%, typ switching frequency 300khz environmental specifications oper. temperature -25 to +71 degc(fl) storage temperature -55 to +105 degc * maximum case temp 100 degc * mtbf 3.165 million hrs mil-hdbk-217f ta=25c (fl) physical specifications case material mkc03 nickel-coated copper with non-conductive base construction fully encapsulated weight 0.6 oz, (14g) * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all speci?cations are typical at nominal input, full load, and 25degc unless otherwise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
i s o l a t e d a n d r e g u l a t e d 5 wat t m o d u l a r d c / d c c o n v e r t e r s f k c 0 5 s e r i e s 300 myles standish blvd., taunton, ma 02780 ph: 1-800-823-8082 fax: 508-823-8181 www.astrodyne.com output derating curve mechanical dimensions pin # single outputs dual outputs 2 - input - input 3 - input - input 9 nc common 10 nc nc 11 nc - output 14 + output + output 15 nc nc 16 - output common 22 + input + input 23 + input + input 0.80(20.3) pin size is 0.02(0.5) dia or 0.01 x 0.02 (0 .2 5 x 0.50) re ct angular pi n 14 23 22 16 3 9 2 11 ) 8 . 1 3 ( 5 2 . 1 0.60(15.2) 0.40 (10.2) 0.15 (3.8 ) ) 8 . 7 1 ( 0 7 . 0 ) 1 . 5 ( 0 2 . 0 0.18(4.6) bo tt om view 15 10 50 60 70 80 90 100 -40 -25 0 -10 25 50 75 10 0 0 a mbien t temper at ure (oc) ) % ( r e w o p t u p t u o nature convection


▲Up To Search▲   

 
Price & Availability of FKC05-48D05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X